Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download 2N7002E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
N-Channel Enhanceent Mode Field Effect Transistor 2N7002E
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
MOSFET
Unit: mm
+0.1 2.4-0.1
Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage
+0.1 1.3-0.1
Low On-Resistance: RDS(ON)
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 1 GATE 2.Emitter 2 SOURCE 3.collector 3 DRAIN
Absolute Maximum Ratings Ta=25
Parameter Drain-Source Voltage Drain-Gate Voltage RGS 1.0 m Symbol VDSS VDGR VGSS ID PD R
JA
Rating 60 60 20 40 240 300 417 -55 to +150
Unit V V V mA mW W
Gate-Source Voltage -Continuous Pulsed Drain Current -Continuous Power Dissipation Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Tj, TSTG
Electrical Characteristics Ta = 25
Parameter Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current @ TC = 25 @ TC = 125 Gate-Body Leakage Gate Threshold Voltage Static Drain-Source On-Resistance @ Tj = 25 On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-Off Delay Time IGSS VGS(th) RDS (ON) ID(ON) gFS Ciss Coss Crss tD(ON) tD(OFF) VDD = 30V, ID = 0.2A,RL = 150 = 10V,RGEN = 25 ,VGEN VDS = 25V, VGS = 0V,f = 1.0MHz VGS = 15V, VDS = 0V 1.0 1.6 2.0 0.8 80 22 11 2.0 7.0 11 50 25 5.0 20 20 1.0 Symbol VDSS IDSS Testconditons VGS = 0V, ID = 10 A Min 60 Typ 70 1.0 500 10 2.5 3 4 A mS pF pF pF ns ns nA V Max Unit V A
VDS = 60V, VGS = 0V
VDS = VGS, ID = 250mA VGS = 10V, ID = 250mA VGS = 4.5V, ID = 200mA VGS = 10V, VDS = 7.5V VDS =10V, ID = 0.2A
Marking
Marking K7B
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2N7002E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X